Part Number Hot Search : 
550SMSS 74HC404 BZT5264B 30EH680 TAP1500 MB5005 STZ8043A EVD50
Product Description
Full Text Search
 

To Download 22C040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IS22C040
IS22C040
32 to 40 SEC INSTANT VOICE ROM
GENERAL DESCRIPTION
ISSI
OCTOBER 1998
ISSI
(R)
(R)
FEATURES
* Voice length at - 8 KHz sampling is 32 seconds - 6 KHz sampling is 40 seconds * Silence compression to save memory * Eight trigger pins, S1 to S8 for 32 sections * SBT pin play-all or sequential play-all * 15 ms debounce time suitable for CDS * IRP interrupt pin stops playback at once * STP stop pulse generated at end of playback * BUSY signal for CPU control * Two LEDs flash at 3 Hz interval * 3.0V to 6V single power supply operation * Low standby current (<5 A at 3V) * Auto-power down * Built-in oscillator, D/A converter, EPROM * ADPCM data compression * Optional pop noise elimination function * COUT pin drives speaker with a transistor * Development tools support * VOUT1 and VOUT2 drives buzzer directly * Sampling rate determined by external resistor * Holdable and unholdable triggering option * Industrial temperature available
IS22C040 is a high-quality voice synthesizer with a capacity of 32 to 40 seconds. A proprietary ADPCM algorithm is used. The audio message is stored in a 1024-Kbit on-chip EPROM. The IS22C040 eliminates the need of complicated circuitry in voice playback (Figure 1) but still achieves high voice quality. Sounds such as human speech, animal sounds, musical sounds, and even special sound effects can be synthesized. Devices can be cascaded to achieve longer voice duration (Figure 3). Two devices can be configured in parallel (Figure 4) in order to achieve signal mixing without an external mixer allowing speeches to be mixed with background music synthesis from two different chips. The instant programming nature of the IS22C040 allows a very short production turnaround time. There are no NRE charges that are usually required with conventional voice ROMs. Users now can apply a voice synthesis function as an additional feature to their products even when production volume is relatively small. It is also ideal for trial or engineering prototyping. As a result, the initial investment is minimal and the risk in the product development phase is reduced. The IS22C040 provides a wide voltage operating range from 3.0V to 6.0V. A pair of PWM output pins, VOUT1 and VOUT2 provide direct drive to a buzzer (Figure 2). Voice quality from a buzzer is comparable to speaker output and power consumption is much lower. A current output pin, COUT, enables the device to drive a speaker with a low cost NPN transistor. No complex filtering or amplifier circuit is needed. An automatic ramp up/down function eliminates the undesired noise at the end of playback. Up to 32 sections are accessible through S1 to S8. The SBT trigger pin can be programmed to playback all 32 sections or sequentially from section 1 to 32. An interrupt pin (IRP) and stop pulse (STP) or BUSY signals provide handshaking with microprocessors or other IS22C040 devices. All trigger pins give 15 ms debounce time and is ideal for CDS applications as in Figure 6. Two LED drivers are available, flashing on and off at approximately 3Hz intervals (Figure 5). The internal voltage compensation oscillator requires only one external resistor. Different sampling frequencies are determined by the external oscillator resistor value.
ISSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors which may appear in this publication. (c) Copyright 1998, Integrated Silicon Solution, Inc.
Integrated Silicon Solution, Inc.
VP009-1C 10/01/98
1
IS22C040
BLOCK DIAGRAM
ISSI
(R)
OSC
OSCILLATOR ADDRESS SEQUENCER CLOCK GENERATOR ADPCM DECODER CONTROL LOGIC POP NOISE REDUCTION LED DRIVER BUZZER BUFFER
VOICE EPROM
Vcc GND
S1
S8 SBT IRP LED2 LED1 STP
D/A
COUT
VOUT1 VOUT2
Programmable Options
The IS22C040 provides different control functions for user specified applications. They include: * Non-sequential or Sequential Play-all * Unholdable or Holdable trigger * STOP or BUSY signal selection * Automatic ramp-up/ramp-down or no ramp-up/ramp-down
Silence Compression
If a particular sound sequence includes periods of silence, the IS22C040 will automatically compress the silence to save memory space. This compression will not affect playback of the sound sequence.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VTERM TBIAS TSTG Parameter Terminal Voltage with Respect to GND Temperature Under Bias Storage Temperature Value -0.5 to +7.0 -40 to +85 -55 to +125 Unit V C C
Notes: 1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
OPERATING RANGE
Range Ambient Temp. 0C to +70C -40C to +85C Vcc 3.0V to 6.0V 3.0V to 6.0V
Commercial Industrial
2
Integrated Silicon Solution, Inc.
VP009-1C 10/01/98
IS22C040
SECTION TRIGGERING
S1 HIGH NC NC NC NC NC NC NC HIGH NC NC NC NC NC NC HIGH HIGH NC NC NC NC NC HIGH HIGH HIGH NC NC NC NC HIGH HIGH HIGH S2 NC HIGH NC NC NC NC NC NC HIGH HIGH NC NC NC NC NC NC HIGH HIGH NC NC NC NC NC HIGH HIGH HIGH NC NC NC NC HIGH HIGH S3 NC NC HIGH NC NC NC NC NC NC HIGH HIGH NC NC NC NC NC HIGH HIGH HIGH NC NC NC NC NC HIGH HIGH HIGH NC NC NC NC HIGH S4 NC NC NC HIGH NC NC NC NC NC NC HIGH HIGH NC NC NC NC NC HIGH HIGH HIGH NC NC NC NC HIGH HIGH HIGH HIGH NC NC NC NC S5 NC NC NC NC HIGH NC NC NC NC NC NC HIGH HIGH NC NC NC NC NC HIGH HIGH HIGH NC NC NC NC HIGH HIGH HIGH HIGH NC NC NC S6 NC NC NC NC NC HIGH NC NC NC NC NC NC HIGH HIGH NC NC NC NC NC HIGH HIGH HIGH NC NC NC NC HIGH HIGH HIGH HIGH NC NC S7 NC NC NC NC NC NC HIGH NC NC NC NC NC NC HIGH HIGH NC NC NC NC NC HIGH HIGH HIGH NC NC NC NC HIGH HIGH HIGH HIGH NC S8 NC NC NC NC NC NC NC HIGH NC NC NC NC NC NC HIGH HIGH NC NC NC NC NC HIGH HIGH HIGH NC NC NC NC HIGH HIGH HIGH HIGH
ISSI
(R)
Section 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Integrated Silicon Solution, Inc.
VP009-1C 10/01/98
3
IS22C040
PIN DESCRIPTIONS
Name S8 I/O I O O O -- O O O I I I -- I I -- I I I I I Function Trigger Switch 8, Internal Pull LOW, Active HIGH Drives First LED Flash at 3 Hz, Active LOW PWM Audio Signal Output for Buzzer Compliment PWM Audio Signal Output for Buzzer Power Ground Generate 30 ms Pulse or Busy Signal After Voice Playback Drives Second LED Flash at 3 Hz, Active LOW Current Output from Internal DAC for Speaker Playback Oscillator Resistor Pin to Control Sampling Frequency Trigger Switch 5, Internal Pull LOW, Active HIGH Trigger Switch 6, Internal Pull LOW, Active HIGH Program Power Supply, No Connect When Voice Playback Trigger Switch 1, Internal Pull LOW, Active HIGH Trigger Switch 2, Internal Pull LOW, Active HIGH Positive Power Supply Trigger Switch 3, Internal Pull LOW, Active HIGH Trigger Switch 4, Internal Pull LOW, Active HIGH One Key or Sequential Trigger, Internal Pull LOW, Active HIGH Interrupt to Stop Playback, Internal Pull LOW, Active HIGH Trigger Switch 7, Internal Pull LOW, Active HIGH
ISSI
PIN CONFIGURATION 20-Pin 300-mil PDIP
(R)
LED1
VOUT1 VOUT2 GND STP/BUSY
S8 LED1 VOUT1 VOUT2 GND STP LED2 COUT OSC S5
1 2 3 4 5 6 7 8 9 10
20 19 18 17 16 15 14 13 12 11
S7 IRP SBT S4 S3 VCC S2 S1 VPP
S6
LED2
COUT OSC S5 S6 VPP S1 S2 VCC S3 S4 SBT IRP S7
Note: 1. The following pins are used to program data into the memory on the chip: pins 5, 6, 7, 9, 12, 15, 18 and 19.
4
Integrated Silicon Solution, Inc.
VP009-1C 10/01/98
IS22C040
BONDING DIAGRAM BONDING PARAMETERS
Pin 1 2 3
6 7 8 9 10 11 12 13 14 Y 15 X (0,0) Note: Substrate must be connected to GND Pad size = 100 m x 100 m 5 4 3 2 1 20 19 18 17 16
ISSI
Name S8 X 3451.9 3451.9 3451.9 3451.9 3368.10 137.18 100.4 100.4 100.4 100.4 100.4 100.4 100.4 100.4 187.05 3372.5 3451.9 3451.9 3451.9 3451.94 Y 1599.7 1861.0 2147.6 2444.5 2803.35 2795.93 2486.3 2245.0 1790.0 1469.5 1230.0 989.6 662.3 422.7 113.78 141.8 581.5 836.0 1090.6 1345.13
(R)
LED1
VOUT1 VOUT2 GND STP
4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
LED2
COUT OSC S5 S6 VPP S1 S2 VCC S3 S4 SBT IRP S7
DC CHARACTERISTICS
Symbol VCC ISB IOP VIH VIL IOH IOL ICO ISTPH TSTPL ILED F/F Parameter Description Operating Voltage Standby Current Operating Current Input HIGH Voltage Input LOW Voltage VOUT LOW O/P Current VOUT HIGH O/P Current COUT O/P Current STP LOW O/P Current STP HIGH O/P Current Output Current LED Frequency Stability VCC = 3.0V, I/O Open Vcc = 3.0V, I/O Open Vcc = 3.0V Vcc = 3.0V Vcc = 3.0V, VOUT = 0V Vcc = 3.0V, VOUT = 3.0V Vcc = 3.0V, VCOUT = 0.7V Vcc = 3.0V, VSTP = 0V Vcc = 3.0V, VSTP = 3.0V Vcc = 3.0V - 6.0V FOSC(3V) - FOSC(3.5V) FOSC (3V) Condition Min. 3.0 -- -- 2.5 -0.3 -- -- -- -- -- 6 -- Typ. 4.5 1 -- 3.0 0 -12 12 -2 -5 5 8 -- Max. 6.0 5 100 3.5 0.3 -- -- -- -- -- 10 5 Unit V A A V V mA mA mA mA mA mA %
Integrated Silicon Solution, Inc.
VP009-1C 10/01/98
5
IS22C040
TIMING DIAGRAM PULSE TRIGGERED a. Trigger is shorter than a phrase output
S1 S2 COUT STP LED
Phrase 2 Phrase 1 Phrase 2 Phrase 2
ISSI
(R)
b. Trigger is longer than a phrase output
LEVEL TRIGGERED a. Trigger is shorter than a phrase output
S1 S2 COUT LED
Phrase 2 Phrase 1
b. Trigger is longer than a phrase output
Phrase 2
Phrase 2
SINGLE BUTTON TRIGGER, NON-SEQUENTIAL PLAY-ALL (SBT) a. Pulse Triggered
SBT COUT
Phrase 1 Phrase 2 Phrase N Phrase 1 Phrase N Phrase 1
b. Level Triggered
SBT COUT
Phrase 1 Phrase 2 Phrase 1 Phrase N Phrase 1
6
Integrated Silicon Solution, Inc.
VP009-1C 10/01/98
IS22C040
SINGLE BUTTON TRIGGER, SEQUENTIAL (SBT) a. Pulse Triggered
SBT COUT
Phrase 1 Phrase 2 Phrase 2 Phrase 2 Phrase N Phrase 1
ISSI
(R)
b. Level Triggered
SBT COUT
Phrase 1 Phrase 2 Phrase 2 Phrase 2 Phrase N Phrase 1
Integrated Silicon Solution, Inc.
VP009-1C 10/01/98
7
IS22C040
APPLICATION CIRCUITS
ISSI
(R)
ROSC OSC S1 S2 S3 S4 S5 S6 S7 S8 SBT IRP
Vcc SP COUT
ROSC OSC S1 S2 S3 S4 S5 S6 S7 S8 SBT IRP
Vcc VOUT1 VOUT2
PIEZO BUZZER
GND
GND
Figure 1. Typical Application with Speaker
Figure 2. Typical Application with Piezo Buzzer
ROSC OSC
Vcc
ROSC OSC
Vcc SP COUT
COUT SBT IRP SBT STP GND IRP GND
Figure 3. Cascade Application
8
Integrated Silicon Solution, Inc.
VP009-1C 10/01/98
IS22C040
APPLICATION CIRCUITS
ISSI
(R)
ROSC OSC S1 S2 S3 S4 S5 S6 S7 S8 SBT IRP
Vcc COUT
ROSC OSC S1 S2 S3 S4 S5 S6 S7 S8 SBT IRP
Vcc SP COUT
GND
GND
Figure 4. Parallel Application (Mixing two speeches or speech with background music)
ROSC OSC S1 S2 S3 S4 S5 S6 S7 S8 SBT IRP
Vcc SP COUT
LED2 LED1 GND
Figure 5. LED Application
Integrated Silicon Solution, Inc.
VP009-1C 10/01/98
9
IS22C040
APPLICATION CIRCUITS
ISSI
(R)
ROSC CDS OSC
Vcc SP COUT SBT IRP GND
SW8
ROSC
SW5 SW1 SW6 SW2
Vcc SP OSC S1 S2 COUT
SW7
S3
SW3
S4
SW4
GND
Figure 6. CDS Application and Additional Trigger
Notes: The following are typical values: 1. ROSC = 2.0 MW. 2. for N (NPN transistor) > 130. 3. SP = 8W. 1/4W. 4. Piezo buzzer resonant frequency = 1 KHz.
10
Integrated Silicon Solution, Inc.
VP009-1C 10/01/98
IS22C040
ISSI
ORDERING INFORMATION Commerical Range: 0C to +70C
Order Part No. IS22C040X IS22C040P Package Unpackaged 20-Pin 300-mil Plastic DIP
(R)
Industrial Range: -40C to +85C
Order Part No. IS22C040XI IS22C040PI Package Unpackaged 20-Pin 300-mil Plastic DIP
ISSI
(R)
Integrated Silicon Solution, Inc.
2231 Lawson Lane Santa Clara, CA 95054 Fax: (408) 588-0806 Toll Free: 1-800-379-4774 Email: sales@issi.com http://www.issi.com
Integrated Silicon Solution, Inc.
VP009-1C 10/01/98
11


▲Up To Search▲   

 
Price & Availability of 22C040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X